Part Number Hot Search : 
0100M ASC7512 2SA11 162003 153M000 1N4683D7 5224B NE68700
Product Description
Full Text Search
 

To Download V48C5E48BS2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 45
Features
* * * * * * * * * Input voltages: 24, 48, 300 & 375 V DC outputs: 3.3 V - 48 V Programmable output: 10 to 110% Regulation: 0.5% no load to full load Efficiency: Up to 88% Max operating temp: 100C, full load Power Density: Up to 90 W/cubic Inch Parallelable, with N+M fault tolerance Low noise ZCS/ZVS architecture
Data Sheet
FasTrak Micro E-Grade Family
DC-DC Converter Module
Product Overview
These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component. High frequency ZCS/ZVS switching provide high power density with low noise and high efficiency.
Shown actual size: 2.28 x 1.45 x 0.5 in 57,9 x 36,8 x 12,7 mm
Absolute Maximum Ratings
Parameter +In to -In voltage 24 Vin 48 Vin 300 Vin 375 Vin PC to -In voltage PR to -In voltage SC to -Out voltage -Sense to -Out voltage Isolation voltage (in to out) Isolation voltage (in to base) Isolation voltage (out to base) Operating temperature Storage temperature -0.5 to +36 -0.5 to +75 -0.5 to +375 -0.5 to +425 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +1.5 1.0 3000 1550 500 -10 to +100 -20 to +125 500 (260) 750 (390) 5 (0.57) Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vrms Vrms Vrms C C F (C) F (C) in-lbs (N-m) <5 sec; wave solder <7 sec; hand solder 6 each, # 4-40 or M3 Rating Unit Notes
Applications
Off-line systems with autoranging or PFC front-ends, industrial and process control, distributed power, medical, ATE, communications, defense, aerospace
Part Numbering
e.g. V300C12E150BL2
V
24: 48: 300: 375:
C
18 - 36 Vin 36 - 75 Vin 180 - 375 Vin 250 - 425 Vin
E
Output Voltage 3V3: 3.3V 5: 5 V 12: 12 V 15: 15 V 24: 24 V 28: 28 V 48: 48 V
B
Pin Style Blank: Short Tin/Lead L: Long Tin/Lead S:Short Gold N: Long Gold
Input Voltage
Input 24 V 48 V 300 V 375 V
Output Power (Watts) 3.3 Vout 5 Vout >5 Vout 75 100 100 75 100 150 75 100 150 75 100 150
Baseplate Blank: Slotted 1: Threaded 2: Through-hole
Pin soldering temperature Pin soldering temperature Mounting torque
For a description of pin options, see page 6. Baseplate options include slotted flanges, threaded and through-hole. See page 7 for dimensions. For other package sizes and powerlevels, see the FasTrak Maxi (full size) and FasTrak Micro (quarter size) datasheets.
Thermal Resistance and Capacity
Parameter Baseplate to sink; flat, greased surface Baseplate to sink; thermal pad (P/N 20263) Baseplate to ambient Baseplate to ambient; 1000 LFM Thermal capacity Min Typ 0.24 0.21 10.9 2.8 48 Max Unit C/Watt C/Watt C/Watt C/Watt Watt-sec/C
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 1 of 8
Set your site on VICOR at www.vicorpower.com
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate.
MODULE OPERATING SPECIFICATIONS
Parameter Input voltage 24 Vin 48 Vin 300 Vin 375 Vin Output voltage setpoint 18 36 180 250 24 48 300 375 36 75 375 425 1 50 100 400 500 Vdc Vdc Vdc Vdc % Nominal input; full load; 25C <100 ms surge withstand Min Typ Max Surge Withstand Unit Notes
MODULE OUTPUT VOLTAGE RELATED SPECIFICATIONS
Parameter Efficiency (typ.) Ripple and noise, p-p (typ.) Output OVP setpoint (nom.) Dissipation, standby (typ.) Load regulation (max.) Current limit (typ.) Short circuit current (typ.) 3.3V 76.5 120 4.3 3.4 0.4 115 115 5V 80.0 105 6.3 4.4 0.4 115 115 12V 84.0 170 14.3 5.0 0.2 115 115 15V 85.5 150 17.8 7.0 0.2 115 115 24V 86.0 150 28.1 4.9 0.2 115 115 28V 86.5 180 32.7 4.6 0.3 115 115 48V 88.0 55 55.7 4.0 0.2 115 115 Unit % mV Volts Watts % Vout % Iout % Iout. Notes Nominal input; 80% load; 25C Nominal input; full load; 25C; 20MHz BW 25C; recycle input voltage to restart ( 1 minute off ) No load; nominal input No load to full load; nominal input Output voltage 95% of nominal Output voltage <250mV
MODULE INPUT SPECIFICATIONS
Parameter Undervoltage turn-on Undervoltage turn-off Overvoltage turn-off/on 24 Vin 17.5 15.3 37.8 48 Vin 34.9 30.5 78.8 300 Vin 175 153 N/A 375 Vin 243 212 446 Units Vdc Vdc Vdc Notes Typical value Typical value Typical value
Note: 300 Vin models do not have overvoltage turn-off.
MODULE OUTPUT SPECIFICATIONS
Parameter Line regulation Temperature regulation Power sharing accuracy Programming range 10 Min Typ 0.5 0.005 5 110 Max Unit % % / C % % Notes Low line to high line; full load Over operating temperature range 10 to 100% of full load Of nominal output voltage. For trimming below 90% of nominal, a minimum load of 10% of maximum rated power may be required.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474. Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 2 of 8
Set your site on VICOR at www.vicorpower.com
ELECTRICAL CHARACTERISTICS, continued
MODULE CONTROL SPECIFICATIONS
Parameter Min Typ Max Unit Notes
PRIMARY SIDE (PC = Primary Control; PR = Parallel) PC bias voltage current limit PC module disable PC module enable delay PC module alarm PR emitter amplitude PR emitter current PR receiver impedance PR receiver threshold PR drive capability SECONDARY SIDE (SC = Secondary Control) SC bandgap voltage SC resistance SC capacitance SC module alarm 1.21 990 1.23 1000 0.033 0 1.25 1010 Vdc ohms F Vdc With open trim; referenced to -Out. See Fig. 6 Referenced to -Out 5.7 150 375 2.4 500 2.5 625 2.6 12 5.9 5.50 1.5 2.3 5.75 2.1 2.6 4 6.00 3.0 2.9 7 0.5 6.1 Vdc mA Vdc ms Vavg Volts mA ohms Volts modules 25C Minimum pulse width: 20ns Without PR buffer amplifier UV, OV, OT, module fault. See Figs. 2 and 4 PR load >30 ohms, < 30 pF PC current = 1.0 mA PC voltage = 5.5V Must be able to sink 4 mA. See Fig. 1
MODULE GENERAL SPECIFICATIONS
Parameter Isolation voltage (in to out) Isolation voltage (in to base) Isolation voltage (out to base) Isolation resistance (in to out) Weight Temperature limiting Agency approvals 100 Min 3000 1550 500 10 2.1 (60) 115 cULus, TUV, CE 2.3(66) Typ Max Unit Vrms Vrms Vrms megohms ounces (grams) C See Figs. 2 and 4 UL60950, CSA0950, EN60950, IEC60950. With a fuse in series with the +Input Notes Complies with reinforced insulation requirements Complies with basic insulation requirements Complies with operational insulation requirements
Note: Specifications are subject to change without notice. The latest data sheets for individual models are available on the Vicor website at vicorpower.com.
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PC PIN
Module Enable/Disable The module may be disabled by pulling PC below 2.3V with respect to the -Input. This may be done with an open collector transistor, relay, or optocoupler. Multiple converters may be disabled with a single transistor or relay either directly or via "OR'ing" diodes. See Figure 1. Primary Auxiliary Supply At 5.7V, PC can source up to 1.5mA. In the example shown in Figure 3, PC powers a module enabled LED. Module Alarm The module contains "watchdog" circuitry which monitors input voltage, operating temperature and internal operating parameters. In the event that any of these parameters are outside of their allowable operating range, the module will shut down and PC will go low. PC will periodically go high and the module will check to see if the fault (as an example, overtemperature) has cleared. If the fault has not been cleared, PC will go low again and the cycle will restart. The SC pin will go low in the event of a fault and return to its normal state after the fault has been cleared. See Figures 2 and 4.
+In PC
+In
Auto Restart
Input Undervoltage Input Overvoltage Over Temperature Module Faults
+Out
PC PR
SW1 50 2-20ms typ. f(VIN) 1K SW2 5.7Vdc (0-3mA) SW3
SC
Disable
PR -In
6K 1.23 Vdc
-In
SW1, 2, & 3 shown in "Fault" position
-Out
Disable = PC <2.3V
Figure 1--Module enable/disable.
Figure 2--PC/SC module alarm logic.
+In PC
"Module Enabled"
4k
Fault PC 5.7V
40s typ.
PR -In
SC 1.23V 2-20ms typ.
Figure 3--LED on-state indicator.
Figure 4--PC/SC module alarm timing.
Optocoupler
+In PC
+Out
SC
4k
PR -In
Alarm 1.00V
-Out
Figure 5--Isolated on-state indicator.
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
Figure 6--Secondary side on-state indicator.
FasTrak Mini E-Grade Family Rev. 1.0 Page 4 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - SC PIN
Output Voltage Programming The output voltage of the converter can be adjusted or programmed via fixed resistors, potentiometers or voltage DACs. See Figures 7 and 8.
+Out
+Out
RU Trim Up
Error Amp 1k 0.033F
SC
RD Trim Down
Load
Error Amp 1k 0.033F
SC
Load
-Out
1.23V 1.23V
-Out
RD (ohms) =
1,000 Vout Vnom - Vout
RU (ohms) =
1,000 (Vout-1.23) Vnom 1.23 (Vout-Vnom)
-1,000
Figure 7--Output voltage trim down circuit. Trim Down 1. This converter is not a constant power device - it has a constant current limit. Hence, available output power is reduced by the same percentage that output voltage is trimmed down. Do not exceed maximum rated output current. 2. The trim down resistor must be connected to the -Out pin.
Figure 8--Output voltage trim up circuit. Trim Up 1. The converter is rated for a maximum delivered power. To ensure that maximum rated power is not exceeded, reduce maximum output current by the same percentage increase in output voltage. 2. The trim up resistor must be connected to the +Out pin. 3. Do not trim the converter above maximum trim range (typically +10%) or the output over voltage protection circuitry may be activated.
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available on the vicor website at: vicorpower.com/tools.html. Resistor values can be calculated for fixed trim up, fixed trim down and for variable trim up or down cases for both 1st and 2nd Generation DC-DC converters. In addition to trimming information, the web site and the Applications Manual also include design tips, applications circuits, EMC suggestions, thermal design guidelines and PDF data sheets for all available Vicor products.
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PR PIN
Parallel Operation The PR pin supports paralleling for increased power with N+1 (N+M) redundancy and phased array capability. Modules of the same input voltage, output voltage, and power level will current share if all PR pins are suitably interfaced. Compatible interface architectures include the following: DC coupled single-wire interface. All PR pins are directly connected to one another. This interface supports current sharing but is not fault tolerant. Minus In pins must be tied to the same electric potential. See Figure 9. AC coupled single-wire interface. All PR pins are connected to a single communication bus through 0.001F (500V) capacitors. This interface supports current sharing and is fault tolerant except for the communication bus. See Figure 10.
+In PC PR -In
+Out
+In
+Out
Module 1
SC
0.001F
PC PR
Module 1
SC
-Out
-In
-Out
+In PC PR -In
+Out
+In
+Out
Module 2 (up to 12)
SC
0.001F
PC PR
Module 2 (up to 12)
SC
-Out
-In
-Out
Ground plane
Ground plane
Figure 9--DC coupled single-wire interface.
+Out SC -Out
Figure 10--AC coupled single-wire interface.
Plane
+Out SC -Out
L O A D
* The +Out and -Out power buses should be designed to minimize and balance parasitic impedance from each module output to the load. * At the discretion of the power system designer, a subset of all modules within an array may be configured as slaves by shorting SC to -Out. * Do not use output OR'ing diodes with MicroMods.
+Out
2 1 3
1.05K
R4
R2
7 6 LM10
SC
R1
Load
8 R3 4
200 1.2K
-Out
+Out SC -Out Ground Plane
* This module is designed for point of load regulation, where remote sensing is not required. Active voltage drop compensator, as shown here, may be used in applications with significant distribution losses. Details of this circuit are available in the design guide.
Figure 11--N+1 module array output connections. PIN STYLES * Designator (None) L S N Description Short solder Long solder Short ModuMate Long ModuMate Notes
Figure 12--Voltage drop compensation.
Requires in-board, mounting On-board mounting for 0.065" boards SurfMate or in-board socket mounting - RoHS compliant On-board socket mounting - RoHS compliant
* Pin style designator follows the "B" after the output power and precedes the baseplate designator. Ex. V375A24C600BN -- Long ModuMate Pins
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715 FasTrak Mini E-Grade Family Rev. 1.0 Page 6 of 8
Set your site on VICOR at www.vicorpower.com
MECHANICAL DRAWINGS
MODULE OUTLINE
0.50 0.02 12,7 0,5
Converter Pins No. Function Label 1 +In + Primary 2 PC Control 3 Parallel PR 4 -In - 5 -Out - 6 7 Secondary Control +Out SC +
0.800 20,32 0.525 13,34
0.235.015 5,970,38 (REF)
style 2 & 3 baseplates only (4X)***
0.01
0.275
0.12* 0.20** 3,1 5,08
0.49 12,4
6,99
1.27 32,3
Pin C L
1
(ALL MARKINGS THIS SURFACE)
0.490 .015
2 3 4
12,45 0,38
(REF) 0.27 (2X) 6,9 0.65 16,5 1.30 33,0
0.09 2,3 0.15 X 45 3,81 CHAMFER
0.350.015 8,890,38 (REF)
2.000 50,80
Pin C L
ALUMINUM BASEPLATE
2.28 57,9
FULL R (6X) 0.13 (6X) 3,3
7
6
5
0.080 DIA. (7X) 2,03 0.400 10,16 1.04 26,4 1.45 36,8
0.43 10,9 0.54 (7X) Short Pin 13,7 0.62 (7X) Long Pin 15,7
R
0.06 (3X) 1,5
Slotted (Style 1) or Threaded (Style 2)
4-40 UNC-2B (6X)
0.21 5,2 (REF)
1.45 36,8 (REF.)
Use a 4-40 Screw (6x) Torque to: 5 in-lbs 0.57 N-m
or Thru Hole (Style 3)
#30 Drill Thru (6X) (0.1285)
* ** *** C L
Style 1 baseplate only Style 2 & 3 baseplates Reserved for Vicor accessories. Not for mounting Center line
PCB MOUNTING SPECIFICATIONS
ALL MARKINGS THIS SURFACE
PCB THICKNESS
0.062 0.010 1,57 0,25
ALUMINUM BASEPLATE PINS STYLES SOLDER:TIN/LEAD HOT SOLDER DIPPED MODUMATE: GOLD PLATED COPPER
0.800* 20,32 0.525* 13,34 0.275* 6,99 0.170* 4,32 PLATED THRU HOLE DIA 0.133 3,38 1 2 3 4 INBOARD SOLDER MOUNT SHORT PIN STYLE 0.094 0.003 2,39 0,08 ONBOARD SOLDER MOUNT LONG PIN STYLE 0.094 0.003 2,39 0,08
(7X)
2.000* 50,80
1.734** 44,04
7 0.06 (4X) 1,5
6
5
R
.400* 10,16 1.140** 28,96
*DENOTES TOL = 0.003 0,08 **PCB WINDOW
0.43 10,9
0.53 13,5
Unless otherwise specified, dimensions are in inches mm Decimals 0.XX 0.XXX Tol. 0.01 0.25 0.005 0.127 1 Angles
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 7 of 8
Set your site on VICOR at www.vicorpower.com
Vicor's comprehensive line of power solutions includes modular, high density DC-DC converters and accessory components, configurable power supplies, and custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. No license is granted by implication or otherwise under any patent or patent rights of Vicor. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
45
Component Solutions for Your Power System
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 978-470-2900 Fax: 978-475-6715 Email Vicor Express: vicorexp@vicr.com Technical Support: apps@vicr.com
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
9/05
Set your site on VICOR at www.vicorpower.com


▲Up To Search▲   

 
Price & Availability of V48C5E48BS2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X